PART |
Description |
Maker |
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
AB80-C1500RG AB380-C1500RG AB250-C1500RG AB40-C150 |
200 V, 1.5 A Avalanche glass passivated bridge rectifier 900 V, 1.5 A Avalanche glass passivated bridge rectifier 600 V, 1.5 A Avalanche glass passivated bridge rectifier 100 V, 1.5 A Avalanche glass passivated bridge rectifier
|
EIC discrete Semiconductors
|
1R5GU41 |
Ultra Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞400V CURRENT拢潞1.5A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?00V CURRENT?.5A
|
Gulf Semiconductor
|
GL34K |
MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
美丽微半导体有限公司
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
GL34M GL34A GL34B GL34D GL34G GL34J GL34K |
From old datasheet system MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
FORMOSA[Formosa MS]
|
GS2A GS2B GS2D GS2G GS2J GS2K GS2M |
Standard Recovery Pack: SMB SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE?0 TO 1000V CURRENT 2.0A
|
Gulf Semiconductor
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
ZGL41 ZGL41-130A ZGL41-200 ZGL41-200A ZGL41-100 ZG |
Surface Mount Glass Passivated Zeners 表面安装玻璃钝化齐纳基准 Surface Mount Glass Passivated Zeners Steady State Power 1.0W
|
GE Security, Inc. VAISH[Vaishali Semiconductor] Vishay
|
Z1SMA200 Z1SMA110 Z1SMA130 |
200 V, 5 mA, 1 W surface mounted glass passivated zener diode 110 V, 5 mA, 1 W surface mounted glass passivated zener diode 130 V, 5 mA, 1 W surface mounted glass passivated zener diode
|
Fagor
|